Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC-C033 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC-C033
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC-C033 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
4
v00.0806
Pin Number
Function
Description
Interface Schematic
1
RFIN and
RF Ground
Pin is AC coupled and matched
to 50 Ohms from 12 - 16.5 GHz. RFIN uses a
female 2.92mm field replaceable connector.
2, 5, 6
GND
One of these pins must be connected
to power supply ground.
3Vdc
Power supply voltage for the amplifier includes a 7.5V
zener diode for over voltage and negative voltage
protection
4
RFOUT and
RF Ground
Pin is AC coupled and matched
to 50 Ohms from 24 - 33 GHz. RFOUT uses a
female 2.92mm field replaceable connector.
Pin Description
HMC-C033
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER MODULE, 24 - 33 GHz OUTPUT


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn