Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC-C031 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC-C031
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC-C031 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4 - 3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
4
HMC-C031
Output Power vs.
Temperature @ 3 dBm Drive Level
Output Power vs.
Supply Voltage @ 3 dBm Drive Level
Output Power vs. Drive Level
v00.0806
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
Output Power vs. Input Power
Isolation @ 3 dBm Drive Level
0
5
10
15
20
25
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10 10.5 11
+25C
+85C
-55C
FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
20
25
-10
-8
-6
-4
-2
0
2
4
6
8
10
6 GHz
7.5 GHz
9 GHz
INPUT POWER (dBm)
-10
-5
0
5
10
15
20
25
6
6.5
7
7.5
8
8.5
9
9.5
10
Fo
2Fo
3Fo
FREQUENCY (GHz)
0
5
10
15
20
25
6
6.5
7
7.5
8
8.5
9
9.5
10
4.5V
5.0V
5.5V
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
25
6
6.5
7
7.5
8
8.5
9
9.5
10
-2 dBm
0 dBm
2 dBm
4 dBm
6 dBm
FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn