Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC592 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC592
Description  GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC592 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC592 Datasheet HTML 1Page - Hittite Microwave Corporation HMC592 Datasheet HTML 2Page - Hittite Microwave Corporation HMC592 Datasheet HTML 3Page - Hittite Microwave Corporation HMC592 Datasheet HTML 4Page - Hittite Microwave Corporation HMC592 Datasheet HTML 5Page - Hittite Microwave Corporation HMC592 Datasheet HTML 6Page - Hittite Microwave Corporation HMC592 Datasheet HTML 7Page - Hittite Microwave Corporation HMC592 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
1 - 231
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC592
v01.0107
GaAs PHEMT MMIC 1 WATT
POWER AMPLIFIER, 10.0 - 13.0 GHz
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
P1dB vs. Temperature
Psat vs. Temperature
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
7
8
9
10
11
12
13
14
15
S21
S11
S22
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
8
9
10
11
12
13
14
+25C
+85C
-55C
FREQUENCY (GHz)
23
24
25
26
27
28
29
30
31
32
33
9
9.5
10
10.5
11
11.5
12
12.5
13
+25C
+85C
-55C
FREQUENCY (GHz)
23
24
25
26
27
28
29
30
31
32
33
9
9.5
10
10.5
11
11.5
12
12.5
13
+25C
+85C
-55C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
8
9
10
11
12
13
14
+25C
+85C
-55C
FREQUENCY (GHz)
6
8
10
12
14
16
18
20
22
24
26
28
9
9.5
10
10.5
11
11.5
12
12.5
13
+25C
+85C
-55C
FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn