Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC592 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC592
Description  GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC592 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC592 Datasheet HTML 1Page - Hittite Microwave Corporation HMC592 Datasheet HTML 2Page - Hittite Microwave Corporation HMC592 Datasheet HTML 3Page - Hittite Microwave Corporation HMC592 Datasheet HTML 4Page - Hittite Microwave Corporation HMC592 Datasheet HTML 5Page - Hittite Microwave Corporation HMC592 Datasheet HTML 6Page - Hittite Microwave Corporation HMC592 Datasheet HTML 7Page - Hittite Microwave Corporation HMC592 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1
1 - 235
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled and
matched to 50 Ohms.
2, 4, 6
Vgg 1-3
Gate control for amplifier. Adjust to achieve Idd of 750 mA.
Please follow “MMIC Amplifier Biasing Procedure”
Application Note. External bypass capacitors of 100 pF and
0.1 μF are required.
3, 5, 7
Vdd 1-3
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
8RFOUT
This pad is AC coupled and
matched to 50 Ohms.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
v01.0107
HMC592
GaAs PHEMT MMIC 1 WATT
POWER AMPLIFIER, 10.0 - 13.0 GHz


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn