Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC592 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC592
Description  GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC592 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC592 Datasheet HTML 1Page - Hittite Microwave Corporation HMC592 Datasheet HTML 2Page - Hittite Microwave Corporation HMC592 Datasheet HTML 3Page - Hittite Microwave Corporation HMC592 Datasheet HTML 4Page - Hittite Microwave Corporation HMC592 Datasheet HTML 5Page - Hittite Microwave Corporation HMC592 Datasheet HTML 6Page - Hittite Microwave Corporation HMC592 Datasheet HTML 7Page - Hittite Microwave Corporation HMC592 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1
1 - 233
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
v01.0107
HMC592
GaAs PHEMT MMIC 1 WATT
POWER AMPLIFIER, 10.0 - 13.0 GHz
Reverse Isolation vs. Temperature
Power Dissipation
-80
-70
-60
-50
-40
-30
-20
-10
0
9
9.5
10
10.5
11
11.5
12
12.5
13
+25C
+85C
-55C
FREQUENCY (GHz)
Gain & Power vs. Supply Voltage @ 8 GHz
Gain & Power vs. Supply Current @ 8 GHz
12
16
20
24
28
32
36
6.5
7
7.5
Gain
P1dB
Psat
Vdd SUPPLY VOLTAGE (Vdc)
12
16
20
24
28
32
36
400
450
500
550
600
650
700
750
Gain
P1dB
Psat
Idd SUPPLY CURRENT (mA)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
-14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
10 12 14
9 GHz
10 GHz
11 GHz
12 GHz
13 GHz
INPUT POWER (dBm)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn