Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC110G16 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC110G16
Description  1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC110G16 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MICROWAVE CORPORATION
2 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
2
HMC110G16
1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL
ATTENUATOR, DC - 2.0 GHz
v01.0301
General Description
Features
Functional Diagram
Bandwidth: DC - 2 GHz
Low Insertion Loss: 5 dB
31dB Attenuation Range
Fast Switching: 6 nS
Electrical Specifications, T
A = +25° C, With 0/-5V Control
r
e
t
e
m
a
r
a
Py
c
n
e
u
q
e
r
F.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
s
s
o
L
n
o
i
t
r
e
s
n
I
z
H
G
2
-
C
D5
4
.
5B
d
e
g
n
a
R
n
o
i
t
a
u
n
e
t
t
A
z
H
G
2
-
C
D7
21
3B
d
s
s
o
L
n
r
u
t
e
R
z
H
G
2
-
C
D0
17
1B
d
:
y
c
a
r
u
c
c
A
n
o
i
t
a
u
n
e
t
t
A
s
e
t
a
t
S
B
d
7
-
1
s
e
t
a
t
S
B
d
5
1
-
8
s
e
t
a
t
S
B
d
3
2
-
6
1
s
e
t
a
t
S
B
d
1
3
-
4
2
z
H
G
2
-
C
D
z
H
G
2
-
C
D
z
H
G
2
-
C
D
z
H
G
2
-
C
D
.
x
a
M
g
n
i
t
t
e
S
f
o
%
5
-
/
+
B
d
5
.
0
-
/
+
.
x
a
M
g
n
i
t
t
e
S
f
o
%
5
-
/
+
B
d
6
.
0
-
/
+
.
x
a
M
g
n
i
t
t
e
S
f
o
%
8
-
/
+
B
d
6
.
0
-
/
+
.
x
a
M
g
n
i
t
t
e
S
f
o
%
0
1
-
/
+
B
d
6
.
0
-
/
+
B
d
B
d
B
d
B
d
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
h
c
t
i
w
S
)
F
R
%
0
9
/
0
1
(
L
L
A
F
t
,
E
S
I
R
t
)
F
R
%
0
9
/
0
1
o
t
L
T
C
%
0
5
(
F
F
O
t
,
N
O
t
z
H
G
2
-
C
D3
6
s
n
s
n
n
o
i
s
s
e
r
p
m
o
C
B
d
2
.
0
r
o
f
r
e
w
o
P
t
u
p
n
I:
n
e
t
t
A
n
i
M
:
n
e
t
t
A
x
a
M
2
-
5
.
0
2
2
+
5
+
m
B
d
m
B
d
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
n
I:
n
e
t
t
A
n
i
M
:
n
e
t
t
A
x
a
M
2
-
5
.
0
4
4
+
2
3
+
m
B
d
m
B
d
Typical Applications
The HMC110G16 is a 5-bit surface mount hermeti-
cally sealed digital attenuator. Each bit is activated
by applying a 0V control, and then disabled by
applying -5V control to the specified control pin.
The five primary attenuation states can be activated
independently, or collectively for a maximum com-
bined attenuation level of 31 dB. See the non-her-
metic wide band DC - 6 GHz HMC110C14.
• Base station Infrustructure
• Portable Wireless
• CATV & DBS
• Military, Space & Test Equipment


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn