Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC110G16 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC110G16
Description  1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC110G16 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC110G16 Datasheet HTML 1Page - Hittite Microwave Corporation HMC110G16 Datasheet HTML 2Page - Hittite Microwave Corporation HMC110G16 Datasheet HTML 3Page - Hittite Microwave Corporation HMC110G16 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MICROWAVE CORPORATION
2 - 9
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
2
HMC110G16
v01.0301
Simple driver using inexpensive standard logic ICs provides fast switching using minimum DC current.
*Recommended values to suppress unwanted RF signals at A/B control lines. You may adjust for switching speed con-
siderations.
Suggested Driver Circuit
1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL
ATTENUATOR, DC - 2.0 GHz
B
100pF
A
GaAs
ATTENUATOR
CONTROL
74HC04 (CMOS)
-5 VDC
10K
TTL
OR
CMOS
74HCT04 (TTL)
COMPENSATED
DEVICES
CD4689
Vz=5.1V
Izt=50uA
VCC
GND
GND
VCC
100pF
100 Ohm*
*
*
100 Ohm*


Similar Part No. - HMC110G16

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HMC110 NEL-HMC110 Datasheet
75Kb / 4P
   GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110 Datasheet
112Kb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC1105 AD-HMC1105 Datasheet
300Kb / 6P
   Microwave Test Equipment
HMC1106 AD-HMC1106 Datasheet
776Kb / 10P
   GaAs MMIC MIXER 15 - 36 GHz
logo
Hittite Microwave Corpo...
HMC110C14 HITTITE-HMC110C14 Datasheet
183Kb / 4P
   GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 6 GHz
More results

Similar Description - HMC110G16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC273MS10G HITTITE-HMC273MS10G_08 Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10GE HITTITE-HMC273MS10GE Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10G HITTITE-HMC273MS10G Datasheet
187Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC273MS10G HITTITE-HMC273MS10G_07 Datasheet
259Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com