Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B3675 Datasheet(PDF) 2 Page - EPCOS

Part No. B3675
Description  SAW Components Low-Loss Filter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo EPCOS - EPCOS

B3675 Datasheet(HTML) 2 Page - EPCOS

  B3675 Datasheet HTML 1Page - EPCOS B3675 Datasheet HTML 2Page - EPCOS B3675 Datasheet HTML 3Page - EPCOS B3675 Datasheet HTML 4Page - EPCOS B3675 Datasheet HTML 5Page - EPCOS B3675 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Oct 26, 2000
SAW Components
B3675
415,0 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC8C
Features
q
Low-loss filter (TX) for TETRA
q
Usable bandwidth 10 MHz
q
No matching required for operation at 50
q
Package for Surface Mounted Technology
(SMT)
q
Hermetically sealed ceramic package
Terminals
q
Gold-plated
typ. Dimensions in mm, approx. weight 0,10 g
Pin configuration
2
Input
3
Input ground
6
Output
7
Output ground
1, 5
Ground
4, 8
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3675
B39421-B3675-U310
C61157-A7-A56
F61074-V8070-Z000
Maximum ratings
Operable temperature range
TA
-40 / +80
˚C
Storage temperature range
Tstg
-40 / +85
˚C
DC voltage
VDC
0V
Source power
Ps
15
dBm
source impedance 50


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn