Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0404CRF-WA1 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT88SC0404CRF-WA1
Description  13.56 MHz CryptoRF EEPROM Memory 4 Kbits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404CRF-WA1 Datasheet(HTML) 7 Page - ATMEL Corporation

  AT88SC0404CRF-WA1 Datasheet HTML 1Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 2Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 3Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 4Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 5Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 6Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 7Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 8Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
AT88SC0404CRF
5023CS–CRRF–12/06
Transport Password
To gain access to the configuration memory, a transport password known as the secure
code must be presented using the Check Password command. The secure code for
AT88SC0404CRF is $30 1D D2.
Tuning Capacitance
The capacitance between the coil pins AC1 and AC2 is 82 pF nominal and may vary
±10% over temperature and process variation.
Reliability
Mechanical
Engineering Samples
Table 3. Reliability
Parameter
Min
Typ
Max
Units
Write endurance
100,000
Write
Cycles
Data retention
10
Years
Sample Code
Sample Description
Maximum Range
AT88SC0404CRF-MR1
R Module, 82 pF, on 35 mm tape
AT88SC0404CRF-L01B
RF Smart Card, ID-1 size, PVC
8
−10 cm
AT88SC0404CRF-MU1
RFID Tag, 17 mm diameter, on 35 mm tape
1
−3 cm
AT88SC0404CRF-MS1
RFID Tag, 10 x 20 mm size, on 35 mm tape
10
−15 mm


Similar Part No. - AT88SC0404CRF-WA1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
1Mb / 108P
   CryptoRF Specification
More results

Similar Description - AT88SC0404CRF-WA1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF04C ATMEL-AT88RF04C Datasheet
271Kb / 11P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
138Kb / 9P
   CryptoRF EEPROM Memory 64 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_06 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com