Electronic Components Datasheet Search |
|
AT88SC0404CRF-MR1 Datasheet(PDF) 4 Page - ATMEL Corporation |
|
AT88SC0404CRF-MR1 Datasheet(HTML) 4 Page - ATMEL Corporation |
4 / 9 page 4 AT88SC0404CRF 5023CS–CRRF–12/06 User Memory The EEPROM user memory is divided into four user zones as shown in the memory map in Table 1. Multiple zones allow for different types of data or files to be stored in different zones. Access to the user zones is allowed only after security requirements have been met. These security requirements are defined by the user in the configuration memory during personalization of the device. The EEPROM memory page length is 16 bytes. Configuration Memory The configuration memory consists of 2048 bits of EEPROM memory used for storing system data, passwords, keys, codes, and security-level definitions for each user zone. Access rights to the configuration zone are defined in the control logic and may not be altered by the user. These access rights include the ability to program certain portions of the configuration memory and then lock the data written through use of the security fuses. Security Fuses There are three fuses on the device that must be blown during the device personaliza- tion process. Each fuse locks certain portions of the configuration memory as OTP memory. Fuses are designated for the module manufacturer, card manufacturer and card issuer and must be blown in sequence. Table 1. Memory Map Zone $0 $1 $2 $3 $4 $5 $6 $7 User 0 $00 – 128 Bytes – $78 User 1 $00 – 128 Bytes – $78 User 2 $00 – 128 Bytes – $78 User 3 $00 – 128 Bytes – $78 |
Similar Part No. - AT88SC0404CRF-MR1 |
|
Similar Description - AT88SC0404CRF-MR1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |