Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42CTQ030PBF Datasheet(PDF) 6 Page - International Rectifier

Part # 42CTQ030PBF
Description  SCHOTTKY RECTIFIER 40 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

42CTQ030PBF Datasheet(HTML) 6 Page - International Rectifier

  42CTQ030PBF Datasheet HTML 1Page - International Rectifier 42CTQ030PBF Datasheet HTML 2Page - International Rectifier 42CTQ030PBF Datasheet HTML 3Page - International Rectifier 42CTQ030PBF Datasheet HTML 4Page - International Rectifier 42CTQ030PBF Datasheet HTML 5Page - International Rectifier 42CTQ030PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
42CTQ030PbF
6
Bulletin PD-20852 rev. A 05/06
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 05/06
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
42
C
T
Q
030 PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (40A)
2
-
Circuit Configuration
C = Common Cathode
3
-
Package
T = TO-220
4
-
Schottky "Q" Series
5
-
Voltage Rating (030 = 30V)
6
-
none = Standard Production
PbF = Lead-Free
Tube Standard Pack Quantity : 50 pieces


Similar Part No. - 42CTQ030PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
42CTQ030PBF VISHAY-42CTQ030PBF Datasheet
117Kb / 6P
   42CTQ030PbF
Revision: 13-Aug-08
42CTQ030PBF VISHAY-42CTQ030PBF Datasheet
152Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
42CTQ030PBF VISHAY-42CTQ030PBF_12 Datasheet
152Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
More results

Similar Description - 42CTQ030PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST50150 MICROSEMI-FST50150 Datasheet
149Kb / 2P
   40 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBR4045WTPBF IRF-MBR4045WTPBF Datasheet
205Kb / 7P
   SCHOTTKY RECTIFIER 40 Amp
42CTQ030SPBF IRF-42CTQ030SPBF Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 40 Amp
40CTQ045PBF IRF-40CTQ045PBF Datasheet
196Kb / 6P
   SCHOTTKY RECTIFIER 40 Amp
logo
Microsemi Corporation
1N5832 MICROSEMI-1N5832_07 Datasheet
134Kb / 2P
   40 Amp Schottky Rectifier
logo
Digitron Semiconductors
1N5832 DIGITRON-1N5832 Datasheet
140Kb / 2P
   40 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
48CTQ060PBF IRF-48CTQ060PBF Datasheet
196Kb / 6P
   SCHOTTKY RECTIFIER 40 Amp
logo
Microsemi Corporation
1N5832 MICROSEMI-1N5832 Datasheet
127Kb / 2P
   40 Amp Schottky Rectifier
logo
International Rectifier
48CTQ060SPBF IRF-48CTQ060SPBF Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 40 Amp
47CTQ020SPBF IRF-47CTQ020SPBF Datasheet
285Kb / 7P
   SCHOTTKY RECTIFIER 40 Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com