Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ626162 Datasheet(PDF) 18 Page - Texas Instruments

Part # SMJ626162
Description  524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ626162 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SMJ626162 Datasheet HTML 14Page - Texas Instruments SMJ626162 Datasheet HTML 15Page - Texas Instruments SMJ626162 Datasheet HTML 16Page - Texas Instruments SMJ626162 Datasheet HTML 17Page - Texas Instruments SMJ626162 Datasheet HTML 18Page - Texas Instruments SMJ626162 Datasheet HTML 19Page - Texas Instruments SMJ626162 Datasheet HTML 20Page - Texas Instruments SMJ626162 Datasheet HTML 21Page - Texas Instruments SMJ626162 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
SMJ626162
524288 BY 16-BIT BY 2-BANK
SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SGMS737C – JULY 1997 – REVISED MARCH 1999
18
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
The ac timing measurements are based on signal rise and fall times equal to 1 ns (tT = 1 ns) and a midpoint
reference level of 1.4 V for LVTTL. For signal rise and fall times greater than 1 ns, the reference level is changed
to VIH MIN and VIL MAX instead of the midpoint level. All specifications referring to READ commands are also
valid for READ-P commands unless otherwise noted. All specifications referring to WRT commands are also
valid for WRT-P commands unless otherwise noted. All specifications referring to consecutive commands are
specified as consecutive commands for the same bank unless otherwise noted.
Tester Pin
Electronics
1.4 V
CL = 50 pF
IOH
Output
Under
Test
50
NOTE A: Series termination resistors may be used on test
hardware for output impedance matching purposes.
(see Note A)
IOL
Figure 8. LVTTL-Load Circuit
tCK
CLK
tT
tT
tDH, tAH, tCH, tCEH
tT
tDH, tAH, tCH, tCEH
tT
tDS, tAS, tCS, tCES, tCESP
tCKL
DQ, A0–A11, CS, RAS,
CAS, W, DQMx, CKE
DQ, A0–A11, CS, RAS,
CAS, W, DQMx, CKE
tCKH
tDS, tAS, tCS, tCES
Figure 9. Input-Attribute Parameters


Similar Part No. - SMJ626162

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SMJ-100B TALEMA-SMJ-100B Datasheet
54Kb / 2P
   ISDN - SO SMD Single Interface Transformers
SMJ-130B TALEMA-SMJ-130B Datasheet
54Kb / 2P
   ISDN - SO SMD Single Interface Transformers
SMJ-140B TALEMA-SMJ-140B Datasheet
54Kb / 2P
   ISDN - SO SMD Single Interface Transformers
logo
SYNERGY MICROWAVE CORPO...
SMJ-C6 SYNERGY-SMJ-C6 Datasheet
99Kb / 2P
   180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
SMJ-C8 SYNERGY-SMJ-C8 Datasheet
334Kb / 4P
   4 PORT 0/180쨘 HYBRID SURFACE MOUNT
More results

Similar Description - SMJ626162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS626812B TI-TMS626812B Datasheet
611Kb / 40P
[Old version datasheet]   1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ44C256 TI-SMJ44C256 Datasheet
330Kb / 21P
[Old version datasheet]   262144 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS417800A TI1-TMS417800A Datasheet
343Kb / 24P
[Old version datasheet]   2097152 BY 8-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com