Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8S512K32 Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS8S512K32
Description  512K x 32 SRAM SRAM MEMORY ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32 Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS8S512K32_03 Datasheet HTML 5Page - Austin Semiconductor AS8S512K32_03 Datasheet HTML 6Page - Austin Semiconductor AS8S512K32_03 Datasheet HTML 7Page - Austin Semiconductor AS8S512K32_03 Datasheet HTML 8Page - Austin Semiconductor AS8S512K32_03 Datasheet HTML 9Page - Austin Semiconductor AS8S512K32_03 Datasheet HTML 10Page - Austin Semiconductor AS8S512K32_03 Datasheet HTML 11Page - Austin Semiconductor AS8S512K32_03 Datasheet HTML 12Page - Austin Semiconductor AS8S512K32_03 Datasheet HTML 13Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
Austin Semiconductor, Inc.
AS8S512K32 & AS8S512K32A
Rev. 5.0 5/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
MECHANICAL DEFINITIONS*
ASI Case (Package Designator Q1)
SMD 5962-94611, Case Outline A
*All measurements are in inches.
MIN
MAX
A
---
0.200
A1
0.054
---
b
0.013
0.017
B
c
0.009
0.012
D/E
0.980
1.000
D1/E1
0.870
0.890
D2/E2
e
L
0.035
0.045
R
SYMBOL
SMD SPECIFICATIONS
0.010 TYP
0.010 TYP
0.800 BSC
0.050 BSC


Similar Part No. - AS8S512K32_03

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS8S512K32_03

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com