Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCD3745 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD3745
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD3745 Datasheet HTML 1Page - NXP Semiconductors PCD3745 Datasheet HTML 2Page - NXP Semiconductors PCD3745 Datasheet HTML 3Page - NXP Semiconductors PCD3745 Datasheet HTML 4Page - NXP Semiconductors PCD3745 Datasheet HTML 5Page - NXP Semiconductors PCD3745 Datasheet HTML 6Page - NXP Semiconductors PCD3745 Datasheet HTML 7Page - NXP Semiconductors PCD3745 Datasheet HTML 8Page - NXP Semiconductors PCD3745 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MBH909
PORT 0
FLIP-FLOP
PORT 0
BUFFER
HIGHER
PROGRAM
COUNTER
LOWER
PROGRAM
COUNTER
PROGRAM
STATUS
WORD
MEMORY
BANK
FLIP-FLOPS
RESIDENT
OTP-ROM
4.5 kbytes
DECODE
5
888
8
P0.0 to P0.7
8
8
88
8
8
8
TIMER/
EVENT
COUNTER
32
INTERNAL
CLOCK
FREQ.
30
T1
PORT 1
BUFFER
PORT 1
FLIP-FLOP
P1.0 to P1.6
8
7
8
P1.7/RCO
RTC
RTC1
RTC2
8
OSCILLATOR
RAM
ADDRESS
REGISTER
ACCUMULATOR
TEMPORARY
REGISTER 1
TEMPORARY
REGISTER 2
ARITHMETIC
INSTRUCTION
REGISTER
AND
DECODER
DECIMAL
ADJUST
CONTROL AND TIMING
XTAL2
XTAL1
RESET
CE/T0
STOP
IDLE
INTERRUPT
INITIALIZE
CONDITIONAL
BRANCH
LOGIC
CE/T0
TIMER
FLAG
CARRY
ACC
ACC BIT
TEST
MULTIPLEXER
8 LEVEL STACK
(VARIABLE LENGTH)
OPTIONAL SECOND
REGISTER BANK
DATA STORE
D
E
C
O
D
E
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
REGISTER 4
REGISTER 5
REGISTER 6
REGISTER 7
timer interrupt
external interrupt
CLK2
CLK1
RESIDENT RAM ARRAY
224 bytes
8
LOGIC UNIT
T 1
INTERRUPT
LOGIC
8
C2HB
8
8
8
8
8
PCD3745A
C2LB
C1HB
C1LB
PCCR
Fig.1 Block diagram.


Similar Part No. - PCD3745

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3755A PHILIPS-PCD3755A Datasheet
200Kb / 32P
   8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3755AH PHILIPS-PCD3755AH Datasheet
200Kb / 32P
   8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3755AP PHILIPS-PCD3755AP Datasheet
200Kb / 32P
   8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3755AT PHILIPS-PCD3755AT Datasheet
200Kb / 32P
   8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3755E PHILIPS-PCD3755E Datasheet
200Kb / 32P
   8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
More results

Similar Description - PCD3745

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
NXP Semiconductors
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
   8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
logo
List of Unclassifed Man...
RTC-64611 ETC1-RTC-64611 Datasheet
69Kb / 2P
   8-bit REAL TIME CLOCK MODULE
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com