Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3100G Datasheet(PDF) 1 Page - MTRONPTI

Part No. K3100G
Description  14 pin DIP, 5.0 Volt, Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MTRONPTI [MTRONPTI]
Homepage  http://www.mtronpti.com
Logo 

K3100G Datasheet(HTML) 1 Page - MTRONPTI

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 03-02-07
THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS.
PLEASE REFER TO THE MHO3 PRODUCT SERIES.
K3100G Series
14 pin DIP, 5.0 Volt, Clock Oscillator
TTL/CMOS Compatible
Tight Symmetry (45/55%) Available
Tri-State Option Available
±100ppm Stability Standard - K3100GC
Tighter Stabilities Available
±25ppm Stability:- K3100GA
±50ppm Stability:- K3100GB
Case Ground for EMI Protection
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
K3100GA
Frequency Range (MHz)
1.0 to 125
Frequency Stability (ppm)
Overall
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±25
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Supply Voltage (V)
+3.3 ±5%
Supply Current (mA)
<30
Symmetry (%)
40/60
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
K3100GXXXX - Specify Frequency
“Blank” = Fixed Frequency
“E” = Tri-State
“Blank” = 0oC to 70oC Operating Temperature
“M” = -40oC to 85oC Operating Temperature
“Blank” = 40/60% Symmetry
“S” = 45/55 Symmetry
“A” ±25ppm Frequency Stability (Available 0/70oC only)
“B” = ±50 ppm Frequency Stability
“C” = ±100ppm Frequency Stability
K3100G Series
3.3V Crystal Clock Oscillators
����
��
�����
����
�����
�����
���
���
���
���
���
���
���
���
���
���
���
��
���
��
�����
Output CMOS
“0” Level (VOL)
0.9 VCC
“1” Level (VOH)
0.1 VCC
Load
Up to 80MHz 50pF; >80MHz 30pF
TR & TF (ns)
<10
Jitter (Typical)
10ps RMS @ 100MHz
-40°C to 85°C
K3100GC
K3100GB
±50
±100
±50
±100
N/A
TTL/CMOS Compatible
Tight Symmetry (45/55%) Available
Tri-State Option Available
±100ppm Stability Standard - K3100GC
Tighter Stabilities Available
±25ppm Stability:- K3100GA
±50ppm Stability:- K3100GB
Case Ground for EMI Protection
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
K3100GA
Frequency Range (MHz)
1.0 to 125
Frequency Stability (ppm)
Overall
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±25
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Supply Voltage (V)
+3.3 ±5%
Supply Current (mA)
<30
Symmetry (%)
40/60
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
K3100GXXXX - Specify Frequency
“Blank” = Fixed Frequency
“E” = Tri-State
“Blank” = 0oC to 70oC Operating Temperature
“M” = -40oC to 85oC Operating Temperature
“Blank” = 40/60% Symmetry
“S” = 45/55 Symmetry
“A” ±25ppm Frequency Stability (Available 0/70oC only)
“B” = ±50 ppm Frequency Stability
“C” = ±100ppm Frequency Stability
K3100G Series
3.3V Crystal Clock Oscillators
����
��
�����
����
�����
�����
���
���
���
���
���
���
���
���
���
���
���
��
���
��
�����
Output CMOS
“0” Level (VOL)
0.9 VCC
“1” Level (VOH)
0.1 VCC
Load
Up to 80MHz 50pF; >80MHz 30pF
TR & TF (ns)
<10
Jitter (Typical)
10ps RMS @ 100MHz
-40°C to 85°C
K3100GC
K3100GB
±50
±100
±50
±100
N/A


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn