Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X6941D Datasheet(PDF) 3 Page - EPCOS

Part No. X6941D
Description  SAW Components Bandpass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6941D Datasheet(HTML) 3 Page - EPCOS

  X6941D Datasheet HTML 1Page - EPCOS X6941D Datasheet HTML 2Page - EPCOS X6941D Datasheet HTML 3Page - EPCOS X6941D Datasheet HTML 4Page - EPCOS X6941D Datasheet HTML 5Page - EPCOS X6941D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Dec 08, 2003
SAW Components
X 6941 D
44,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF and matching network
min.
typ.
max.
Insertion attenuation
α
Reference level for the
44,00 MHz
18,5
20,0
21,5
dB
following data
Amplitude ripple (p-p)
∆α
41,60 ... 46,40 MHz
0,4
dB
Relative attenuation
α
rel
40,75 MHz
25,0
32,0
dB
41,31 MHz
1,1
1,6
2,1
dB
41,43 MHz
–0,4
0,3
1,0
dB
41,60 MHz
–0,4
0,1
0,6
dB
46,40 MHz
–0,4
0,1
0,6
dB
46,57 MHz
0,1
0,6
1,1
dB
46,69 MHz
1,5
2,0
2,5
dB
47,25 MHz
25,0
36,0
dB
Lower sidelobe
35,00 ... 39,10 MHz
34,0
42,0
dB
39,10 ... 40,35 MHz
27,0
32,0
dB
Upper sidelobe
47,65 ... 48,65 MHz
25,0
30,0
dB
48,65 ... 55,00 MHz
32,0
37,0
dB
Reflected wave signal suppression
1,5
µs ... 6,0 µs after main pulse
42,0
56,0
dB
(test pulse 250 ns,
carrier frequency 44,00 MHz)
Group delay ripple (p-p)
∆τ
41,31
... 46,69 MHz
—30
80
ns
Impedance at 44,00 MHz
Input:
ZIN
=
RIN
||
CIN
1,9 || 22,2
k
Ω || pF
Output:
ZOUT = ROUT || COUT
6,1 || 5,7
—k
Ω || pF
Temperature coefficient of frequency
TCf
–18
ppm/K
Matching network:
Lp1 = 1800 nH


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
B9014 SAW Components Low-Loss Filter for Mobile Communication 1  2  3  4  5  More EPCOS
MF8 4th-Order Switched Capacitor Bandpass Filter 1  2  3  4  5  More National Semiconductor (TI)
LBS32202 SAW Filter Technical Specification 1  SIPAT Co,Ltd
7443 FILTER Passive Audio bandpass Filter 1  Filtran LTD
NSVA339 JRC SAW FILTER 1  2  3  New Japan Radio
7444 FILTER Passive Audio Bandpass Filter 1  Filtran LTD
LTF2012B-F2R4B MULTILAYER CERAMIC BANDPASS FILTER 1  TOKO, Inc
X6922D Bandpass Filter 1  2  3  4  5  More EPCOS
856575 1842.5 MHz SAW Filter 1  2  3  4  5  More TriQuint Semiconductor
G3962M SAW Components 1  2  3  4  5  More EPCOS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn