Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X6941D Datasheet(PDF) 2 Page - EPCOS

Part No. X6941D
Description  SAW Components Bandpass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6941D Datasheet(HTML) 2 Page - EPCOS

  X6941D Datasheet HTML 1Page - EPCOS X6941D Datasheet HTML 2Page - EPCOS X6941D Datasheet HTML 3Page - EPCOS X6941D Datasheet HTML 4Page - EPCOS X6941D Datasheet HTML 5Page - EPCOS X6941D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Dec 08, 2003
SAW Components
X 6941 D
44,00 MHz
Bandpass Filter
Data Sheet
1
2345
13,7
4x 2,54
0,38
2,4
0,65
Duroplast package SIP5D
Standard
s
HDTV
Features
s
Constant group delay
s
Optimized for cascade of two devices
s
Optimized for balanced to balanced operation
s
Standard IC package
Terminals
s
Tinned CuFe alloy
Pin configuration
1
Input
2
Input
3
Chip carrier - ground
4
Output
5
Output
Type
Ordering code
Marking and package
according to
Packing
according to
X 6941 D
B39440-X6941-N201
C61157-A1-A21
F61074-V8049-Z000
Maximum ratings
Operable temperature range
TA
–25/+65
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
Dimensions in mm, approx. weight 0,5 g


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
B9014 SAW Components Low-Loss Filter for Mobile Communication 1  2  3  4  5  More EPCOS
MF8 4th-Order Switched Capacitor Bandpass Filter 1  2  3  4  5  More National Semiconductor (TI)
LBS32202 SAW Filter Technical Specification 1  SIPAT Co,Ltd
7443 FILTER Passive Audio bandpass Filter 1  Filtran LTD
NSVA339 JRC SAW FILTER 1  2  3  New Japan Radio
7444 FILTER Passive Audio Bandpass Filter 1  Filtran LTD
LTF2012B-F2R4B MULTILAYER CERAMIC BANDPASS FILTER 1  TOKO, Inc
X6922D Bandpass Filter 1  2  3  4  5  More EPCOS
856575 1842.5 MHz SAW Filter 1  2  3  4  5  More TriQuint Semiconductor
G3962M SAW Components 1  2  3  4  5  More EPCOS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn