Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WP7104YT Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. WP7104YT
Description  T-1 (3mm) SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7104YT Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7104YT Datasheet HTML 1Page - Kingbright Corporation WP7104YT Datasheet HTML 2Page - Kingbright Corporation WP7104YT Datasheet HTML 3Page - Kingbright Corporation WP7104YT Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAF2365
REV NO: V.1
DATE: APR/18/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP:1101008529
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge from the package.
4. Specifications are subject to change without notice.
T-1 (3mm) SOLID STATE LAMP
Features
O
LOW POWER CONSUMPTION.
O
POPULAR T-1 DIAMETER PACKAGE.
O
GENERAL PURPOSE LEADS.
O
RELIABLE AND RUGGED.
O
LONG LIFE - SOLID STATE RELIABILITY.
O
AVAILABLE ON TAPE AND REEL.
O
RoHS COMPLIANT.
Description
The Y ellow s ourc e c olor devic es are m ade
wit h Gallium A rs enide P hosphide on Gallium
P hos phide Y ellow Light Emitt ing Diode.
WP7104YT
YELLOW


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
WP7104SYC T-1 3mm SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
AM2520SEC03 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
L53SYC T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
VN5770AK-E Quad smart power solid state relay for complete H bridge configurations 1  2  3  4  5  More STMicroelectronics
PT204-6B 3mm Phototransistor T-1 1  2  3  4  5  More Everlight Electronics Co., Ltd
TLP3507 TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY 1  2  3  4  5  More Toshiba Semiconductor
SIR204-A 3mm Infrared LED T-1 1  2  3  4  5  More Everlight Electronics Co., Ltd
LH1540AT 1 Form A Solid State Relay 1  2  3  4  5  Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn