Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WP113GDT Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. WP113GDT
Description  2x5mm RECTANGULAR LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

WP113GDT Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAF1526
REV NO: V.1
DATE: MAR/24/2005
PAGE: 1 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP:1101000522
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
± 0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge from the package.
4. Specifications are subject to change without notice.
WP113GDT
GREEN
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
2x5mm RECT ANGULAR LED LAM P
Features
O
LOW POWER CONSUMPTION.
O
RELIABLE AND RUGGED.
O
EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
O
SUITABLE FOR LEVEL INDICATOR.
O
LONG LIFE - SOLID STATE RELIABILITY.
O
RoHS COMPLIANT.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AA3528SURCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
SEL10222.5x5 Rectangular LED 1 Sanken electric
SEL50205-mm Pitch Lead Rectangular LED Direct Mount 1 Sanken electric
SML700203.3x6 Rectangular Bicolor LED Direct Mount 1 Sanken electric
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
SEL10241x5 Rectangular LED 1 Sanken electric
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528SYCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn