Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WP113GDT Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. WP113GDT
Description  2x5mm RECTANGULAR LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

WP113GDT Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAF1526
REV NO: V.1
DATE: MAR/24/2005
PAGE: 2 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP:1101000522
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Part No.
Dice
Lens Type
Iv (mcd)
@ 10mA
Viewing
Angle
Min.
Typ.
2
θ1/2
WP113GDT
GREEN (GaP)
GREEN DIFFUSED
1.8
5
110
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD
Dominant Wavelength
Green
568
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR = 5V
Parameter
Green
Units
Power dissipation
105
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AA3528SURCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
SEL10222.5x5 Rectangular LED 1 Sanken electric
SEL50205-mm Pitch Lead Rectangular LED Direct Mount 1 Sanken electric
SML700203.3x6 Rectangular Bicolor LED Direct Mount 1 Sanken electric
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
SEL10241x5 Rectangular LED 1 Sanken electric
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528SYCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn