Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH8R066G-TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTH8R066G-TR
Description  Turbo 2 ultrafast high voltage rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R066G-TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTH8R066G-TR Datasheet HTML 4Page - STMicroelectronics STTH8R066G-TR Datasheet HTML 5Page - STMicroelectronics STTH8R066G-TR Datasheet HTML 6Page - STMicroelectronics STTH8R066G-TR Datasheet HTML 7Page - STMicroelectronics STTH8R066G-TR Datasheet HTML 8Page - STMicroelectronics STTH8R066G-TR Datasheet HTML 9Page - STMicroelectronics STTH8R066G-TR Datasheet HTML 10Page - STMicroelectronics STTH8R066G-TR Datasheet HTML 11Page - STMicroelectronics STTH8R066G-TR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STTH8R06
Ordering information
11/12
3
Ordering information
4
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH8R06D
STTH8R06D
TO-220AC
1.90 g
50
Tube
STTH8R06G
STTH8R06G
D2PAK
1.48 g
50
Tube
STTH8R066G-TR
STTH8R06G
D2PAK
1.48 g
1000
Tape and reel
STTH8R06FP
STTH8R06FP
TO-220FPAC
1.70 g
50
Tube
STTH8R06R
STTH8R06R
I2PAK
1.5 g
50
Tube
STTH8R06DIRG
STTH8R06DI
TO-220AC Ins.
1.86 g
50
Tube
Date
Revision
Changes
May-2001
1
First issue
January-2002
2
D2PAK and I2PAK packages added
18-Oct-2004
3
TO-220AC Insulated package added
05-Dec-2004
4
D2PAK foot print correction
10-Aug-2006
5
Reformatted to current standard. Added package insulation voltage
data on page 1. Changed order code STTH8R06DI to
STTH8R06DIRG.


Similar Part No. - STTH8R066G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
112Kb / 7P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH8R06-Y STMICROELECTRONICS-STTH8R06-Y Datasheet
125Kb / 8P
   Reduces switching losses
November 2011 Rev 1
STTH8R06D STMICROELECTRONICS-STTH8R06D Datasheet
112Kb / 7P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH8R06D STMICROELECTRONICS-STTH8R06D Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06DIRG STMICROELECTRONICS-STTH8R06DIRG Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
More results

Similar Description - STTH8R066G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com