Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P80 Datasheet(PDF) 25 Page - Winbond

Part # W25P80
Description  8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P80 Datasheet(HTML) 25 Page - Winbond

Back Button W25P80 Datasheet HTML 21Page - Winbond W25P80 Datasheet HTML 22Page - Winbond W25P80 Datasheet HTML 23Page - Winbond W25P80 Datasheet HTML 24Page - Winbond W25P80 Datasheet HTML 25Page - Winbond W25P80 Datasheet HTML 26Page - Winbond W25P80 Datasheet HTML 27Page - Winbond W25P80 Datasheet HTML 28Page - Winbond W25P80 Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
W25P80 AND W25P16
Publication Release Date: September 22, 2006
- 25 -
Revision L
9.2.14 Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device
ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device
ID instruction. The instruction is initiated by driving the /CS pin low and shifting the instruction code
“90h” followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Winbond
(EFh) and the Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first
as shown in figure 16. The Device ID values for the W25P80 and W25P16 are listed in Manufacturer
and Device Identification table. If the 24-bit address is initially set to 000001h the Device ID will be
read first and then followed by the Manufacturer ID. The Manufacturer and Device IDs can be read
continuously, alternating from one to the other. The instruction is completed by driving /CS high.
Figure 16. Read Manufacturer / Device ID Diagram


Similar Part No. - W25P80

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P80 WINBOND-W25P80 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
More results

Similar Description - W25P80

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P16VSFIG-TR WINBOND-W25P16VSFIG-TR Datasheet
924Kb / 43P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
W25Q80 WINBOND-W25Q80 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
ON Semiconductor
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com