Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P80 Datasheet(PDF) 5 Page - Winbond

Part # W25P80
Description  8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P80 Datasheet(HTML) 5 Page - Winbond

  W25P80 Datasheet HTML 1Page - Winbond W25P80 Datasheet HTML 2Page - Winbond W25P80 Datasheet HTML 3Page - Winbond W25P80 Datasheet HTML 4Page - Winbond W25P80 Datasheet HTML 5Page - Winbond W25P80 Datasheet HTML 6Page - Winbond W25P80 Datasheet HTML 7Page - Winbond W25P80 Datasheet HTML 8Page - Winbond W25P80 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
W25P80 AND W25P16
Publication Release Date: September 22, 2006
- 5 -
Revision L
3.
PIN CONFIGURATION 208-MIL
Figure 1a. W25P80/16 Pin Assignments, 8-pin SOIC 208-mi
4.
PIN DESCRIPTION 208-MIL
PIN NO.
PIN NAME
I/O
FUNCTION
1
/CS
I
Chip Select Input
2
DO
O
Data Output
3
/WP
I
Write Protect Input
4
GND
Ground
5
DI
I
Data Input
6
CLK
I
Serial Clock Input
7
/HOLD
I
Hold Input
8
VCC
Power Supply


Similar Part No. - W25P80

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P80 WINBOND-W25P80 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
More results

Similar Description - W25P80

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P16VSFIG-TR WINBOND-W25P16VSFIG-TR Datasheet
924Kb / 43P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
W25Q80 WINBOND-W25Q80 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
ON Semiconductor
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com