Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K1601 Datasheet(PDF) 1 Page - MTRONPTI

Part No. K1601
Description  14 pin DIP, 5.0 Volt, Sinewave, TCXO
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MTRONPTI [MTRONPTI]
Homepage  http://www.mtronpti.com
Logo 

K1601 Datasheet(HTML) 1 Page - MTRONPTI

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 03-09-07
K1601 & K1602 Series
14 pin DIP, 5.0 Volt, Sinewave, TCXO
   
     
   
     
  
      
      
   
  
 
             
  
����
�����
����
�����
�����
���
���
���
��
���
��
���
���
���
���
���
���
���
���
�����
�������������������


  
  
  
 
  
 
  
   

 

  
   
   
 
 
 
 

  

 Ω  
  

  
 
  
       




  
  
  
   
 

   
  










         

  
 
   

   
      Ω


  
  
   
      
      
   
      
PART NUMBERING GUIDE
K160X - Specify Frequency
“1”
= 0°C to 55°C Operating Temp.
“1-R
= RoHS Compliant and 0°C to 55°C Operating Temp.
“2”
= -40°C to 85°C Operating Temp.
“2-R”
= RoHS Compliant and -40°C to 85°C Operating Temp.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn