Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K573A Datasheet(PDF) 1 Page - MTRONPTI

Part No. K573A
Description  3.3V Voltage Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MTRONPTI [MTRONPTI]
Homepage  http://www.mtronpti.com
Logo 

K573A Datasheet(HTML) 1 Page - MTRONPTI

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications: Phase-Locked Loops (PLL’s); Clock
Recovery; Reference Signal Tracking;
Synthesizers; Frequency Modulation/Demodulation
8-pin Half DIL Package
1.0 to 52.0 MHz Frequency Range
0.3V to 3.0V Control Voltage
±25ppm Stability
-40°C to 85°C Operating Temperature
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
K573A
46.000
MHZ
CTI DA
TE CODE
5,5
mm
Max.
12,7
mm
Max.
12,7
mm
Max.
PIN 1
1
PART NUMBERING GUIDE
K573A XX - Specify Frequency
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp.
“A” = ±25ppm (0oC to 70oC Op. Temp. Only
“B” = ±50ppm
Model
K573A
Frequency Range (MHz)
Input Current (mA)
1 to 52
< 26
Frequency Control Function
Deviation (ppm)
Minimum
Maximum
±150
Linearity (%)
±100
Modulation Bandwidth (±3dB)
Nominal Control Voltage (V)
Control Voltage Range (V)
Transfer Function
Input Impedance
< 10
> 20KHz
1.65
0.3 to 3.0
Positive
> 50K
Ω @ 10KHz
Frequency Stability (ppm)
Overall
-40oC to +85oC
0oC to +70oC
Temperature Range (oC)
Inclusive of Calibration, Temperature, Voltage, Load and Aging
±25
±50
Operating
Storage
-40oC to +85oC
-55oC to +125oC
Supply Voltage (V)
Symmetry (%) CMOS/TTL
Start Up Time (ms)
+3.3V ±5%
40/60
<10
Typical SSB Phase Noise (dBC/Hz)
Offset from Carrier
10Hz
-65
100Hz
1KHz
10KHz
100KHz
-95
-120
-140
-150
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
K573A Series
3.3V Voltage Controlled Crystal Oscillators


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
K1570A_075V Voltage Controlled Crystal Oscillators 1 2 MTRONPTI
K570A5V Voltage Controlled Crystal Oscillators 1 2 MTRONPTI
CMO33.3V 5x7mm Surface Mount Crystal Clock Oscillators 1 2 List of Unclassifed Manufacturers
OVA5AB1BACRYSTAL CONTROLLED OSCILLATORS 1 2 List of Unclassifed Manufacturers
CWX815CRYSTAL CONTROLLED OSCILLATORS 1 2 List of Unclassifed Manufacturers
F1100C5V FR-4 Surface Mount Crystal Clock Oscillators 1 2 List of Unclassifed Manufacturers
K500F5V Crystal Clock Oscillators 1 2 List of Unclassifed Manufacturers
SY89824L_073.3V 1:22 HIGH-PERFORMANCE LOW VOLTAGE BUS CLOCK DRIVER 1 2 3 4 5 MoreMicrel Semiconductor
MC1658VOLTAGE CONTROLLED MULTIVIBRATOR 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn