Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZTA28 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # PZTA28
Description  NPN Darlington Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA28 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  PZTA28 Datasheet HTML 1Page - Fairchild Semiconductor PZTA28 Datasheet HTML 2Page - Fairchild Semiconductor PZTA28 Datasheet HTML 3Page - Fairchild Semiconductor PZTA28 Datasheet HTML 4Page - Fairchild Semiconductor PZTA28 Datasheet HTML 5Page - Fairchild Semiconductor PZTA28 Datasheet HTML 6Page - Fairchild Semiconductor PZTA28 Datasheet HTML 7Page - Fairchild Semiconductor PZTA28 Datasheet HTML 8Page - Fairchild Semiconductor PZTA28 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
3
MPSA28/MMBTA28/PZTA28, Rev A
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
V(BR)CES
Collector-Emitter Breakdown Voltage
IC = 100
µA, V
BE = 0
80
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
80
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
12
V
ICBO
Collector Cutoff Current
VCB = 60 V, IE = 0
100
nA
ICES
Collector Cutoff Current
VCE = 60 V, VBE = 0
500
nA
IEBO
Emitter Cutoff Current
VEB = 10 V, IC = 0
100
nA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 10 mA, VCE = 5.0 V
IC = 100 mA, VCE = 5.0 V
10,000
10,000
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.01 mA
IC = 100 mA, IB = 0.1 mA
1.2
1.5
V
VBE(on)
Base-Emitter On Voltage
IC = 100 mA, VCE = 5.0 V
2.0
V
SMALL SIGNAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 5.0,
f = 100 MHz
125
MHz
Cobo
Output Capacitance
VCB = 1.0 V, IE = 0, f = 1.0 MHz
8.0
pF
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
NPN Darlington Transistor
(continued)
Typical Characteristics
Typical Pulsed Current Gain
vs Collector Current
0.001
0.01
0.1
0.2
0
20
40
60
80
100
I - COLLECTOR CURRENT (A)
C
25 °C
125 °C
- 40 °C
V
= 5V
CE
Collector-Emitter Saturation
Voltage vs Collect or Current
1
10
100
1000
0
0.4
0.8
1.2
1.6
I - COLLECTOR CURRE NT (mA)
C
- 40 °C
125 °C
ββββ = 1000
25 °C


Similar Part No. - PZTA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PZTA28 FAIRCHILD-PZTA28 Datasheet
122Kb / 4P
   NPN Darlington Transistor
More results

Similar Description - PZTA28

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com