Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ48RL Datasheet(PDF) 6 Page - International Rectifier

Part # IRFZ48RL
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48RL Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFZ48RL Datasheet HTML 2Page - International Rectifier IRFZ48RL Datasheet HTML 3Page - International Rectifier IRFZ48RL Datasheet HTML 4Page - International Rectifier IRFZ48RL Datasheet HTML 5Page - International Rectifier IRFZ48RL Datasheet HTML 6Page - International Rectifier IRFZ48RL Datasheet HTML 7Page - International Rectifier IRFZ48RL Datasheet HTML 8Page - International Rectifier IRFZ48RL Datasheet HTML 9Page - International Rectifier IRFZ48RL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFZ48RS/IRFZ48RL
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
25
50
75
100
125
150
175
0
50
100
150
200
250
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
29A
51A
72A


Similar Part No. - IRFZ48RL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFZ48RL VISHAY-IRFZ48RL Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RL VISHAY-IRFZ48RL Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRFZ48RLPBF IRF-IRFZ48RLPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
logo
Vishay Siliconix
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Similar Description - IRFZ48RL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com