Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3518PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFU3518PBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3518PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFU3518PBF Datasheet HTML 2Page - International Rectifier IRFU3518PBF Datasheet HTML 3Page - International Rectifier IRFU3518PBF Datasheet HTML 4Page - International Rectifier IRFU3518PBF Datasheet HTML 5Page - International Rectifier IRFU3518PBF Datasheet HTML 6Page - International Rectifier IRFU3518PBF Datasheet HTML 7Page - International Rectifier IRFU3518PBF Datasheet HTML 8Page - International Rectifier IRFU3518PBF Datasheet HTML 9Page - International Rectifier IRFU3518PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.irf.com
IRFR/U3518PbF
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
12
IN T HE ASS EMBLY LINE "A"
ASS EMBLED ON WW 16, 1999
EXAMPLE:
WIT H ASSEMBLY
T HIS IS AN IRF R120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WEEK 16
PART NUMBER
LOGO
INT ERNATIONAL
RECT IF IER
AS SEMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DAT E CODE
OR
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPT IONAL)
Note: "P" in ass embly line pos ition
indicates "Lead-F ree"
12
34
WEEK 16
A = AS S EMBLY S IT E CODE
PART NUMBER
IRFU120
LINE A
LOGO
LOT CODE
AS SEMBLY
INT ERNATIONAL
RECT IF IER


Similar Part No. - IRFU3518PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU3518PBF KERSEMI-IRFU3518PBF Datasheet
3Mb / 10P
   High frequency DC-DC converters
IRFU3518PBF KERSEMI-IRFU3518PBF Datasheet
3Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFU3518PBF IRF-IRFU3518PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Thinki Semiconductor Co...
IRFU3518PBF THINKISEMI-IRFU3518PBF Datasheet
3Mb / 8P
   THINKI 30A,80V N-Channel Enchancement Mode Planar High Density MOSFETs
Rev.13T
More results

Similar Description - IRFU3518PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com