Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFIB7N50APBF Datasheet(PDF) 4 Page - International Rectifier

Part No. IRFIB7N50APBF
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFIB7N50APBF Datasheet(HTML) 4 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFIB7N50APbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
10
20
30
40
50
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
6.6A
V
= 100V
DS
V
= 250V
DS
V
= 400V
DS
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0
400
800
1200
1600
2000
2400
1
10
100
1000
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
11A
0.1
1
10
100
1000
10
100
1000
10000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7451PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF730ASSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3703PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7456PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7469PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7478PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF730ASPBFHEXFET Power MOSFET SMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFS9N60APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB9N65APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP90N20DPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn