Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFIB7N50APBF Datasheet(PDF) 3 Page - International Rectifier

Part No. IRFIB7N50APBF
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFIB7N50APBF Datasheet(HTML) 3 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFIB7N50APbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
1
10
100
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
V
= 100V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
11A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7451PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF730ASSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3703PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7456PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7469PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7478PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF730ASPBFHEXFET Power MOSFET SMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFS9N60APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB9N65APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP90N20DPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn