Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFB9N65APBF Datasheet(PDF) 6 Page - International Rectifier

Part No. IRFB9N65APBF
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFB9N65APBF Datasheet(HTML) 6 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFB9N65APbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
Fig 12d. Typical Drain-to-Source Voltage
Vs. Avalanche Current
700
720
740
760
780
800
0
1
2
3456
A
av
I
, Avalanche Current (A)
25
50
75
100
125
150
0
200
400
600
800
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
2.3A
3.3A
5.2A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7451PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF730ASSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3703PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7456PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7469PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7478PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF730ASPBFHEXFET Power MOSFET SMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFS9N60APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP90N20DPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFU3709SMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn