Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB9N65APBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFB9N65APBF
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N65APBF Datasheet(HTML) 3 Page - International Rectifier

  IRFB9N65APBF Datasheet HTML 1Page - International Rectifier IRFB9N65APBF Datasheet HTML 2Page - International Rectifier IRFB9N65APBF Datasheet HTML 3Page - International Rectifier IRFB9N65APBF Datasheet HTML 4Page - International Rectifier IRFB9N65APBF Datasheet HTML 5Page - International Rectifier IRFB9N65APBF Datasheet HTML 6Page - International Rectifier IRFB9N65APBF Datasheet HTML 7Page - International Rectifier IRFB9N65APBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFB9N65APbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
V
= 100V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
5.2A


Similar Part No. - IRFB9N65APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB9N65APBF VISHAY-IRFB9N65APBF Datasheet
158Kb / 8P
   Power MOSFET
Rev. B, 21-Jul-08
IRFB9N65APBF VISHAY-IRFB9N65APBF Datasheet
180Kb / 9P
   Power MOSFET
01-Jan-2022
IRFB9N65APBF-BE3 VISHAY-IRFB9N65APBF-BE3 Datasheet
180Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFB9N65APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com