Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50WQ10FNTRLPBF Datasheet(PDF) 3 Page - International Rectifier

Part # 50WQ10FNTRLPBF
Description  SCHOTTKY RECTIFIER 5.5 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ10FNTRLPBF Datasheet(HTML) 3 Page - International Rectifier

  50WQ10FNTRLPBF Datasheet HTML 1Page - International Rectifier 50WQ10FNTRLPBF Datasheet HTML 2Page - International Rectifier 50WQ10FNTRLPBF Datasheet HTML 3Page - International Rectifier 50WQ10FNTRLPBF Datasheet HTML 4Page - International Rectifier 50WQ10FNTRLPBF Datasheet HTML 5Page - International Rectifier 50WQ10FNTRLPBF Datasheet HTML 6Page - International Rectifier 50WQ10FNTRLPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
50WQ10FNPbF
Bulletin PD-21095 rev.
B 08/06
3
www.irf.com
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC Characteristics
Fig. 1 - Maximum Forward Voltage Drop Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0 102030405060 70 8090 100
R
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V (V)
T = 150°C
J
10
100
1000
020
40
60
80
100
T = 25°C
J
R
Reverse Voltage - V (V)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
J
DM
thJC
C
1
2
2
t
1
t
PDM
1
10
100
1000
00.5
1
1.5
22.5
33.5
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J


Similar Part No. - 50WQ10FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50WQ10FNTRLPBF VISHAY-50WQ10FNTRLPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ10FNTRLPBF VISHAY-50WQ10FNTRLPBF Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
More results

Similar Description - 50WQ10FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ06FNPBF IRF-50WQ06FNPBF Datasheet
188Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com