Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50WQ10FNTR Datasheet(PDF) 4 Page - International Rectifier

Part # 50WQ10FNTR
Description  SCHOTTKY RECTIFIER 5.5 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ10FNTR Datasheet(HTML) 4 Page - International Rectifier

  50WQ10FNTR Datasheet HTML 1Page - International Rectifier 50WQ10FNTR Datasheet HTML 2Page - International Rectifier 50WQ10FNTR Datasheet HTML 3Page - International Rectifier 50WQ10FNTR Datasheet HTML 4Page - International Rectifier 50WQ10FNTR Datasheet HTML 5Page - International Rectifier 50WQ10FNTR Datasheet HTML 6Page - International Rectifier 50WQ10FNTR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
50WQ10FNPbF
Bulletin PD-21095 rev.
B 08/06
4
www.irf.com
Fig. 5 - Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
(2)
Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
120
125
130
135
140
145
150
0
1
23
45
6
78
DC
F(AV)
see note (2)
Square wave (D = 0.50)
80%Rated V applied
R
Average Forward Current - I
(A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
01
2
3
45
6
78
DC
F(AV)
RMSLimit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
Average Forward Current - I
(A)
100
1000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(microsec)


Similar Part No. - 50WQ10FNTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ10FNTR IRF-50WQ10FNTR Datasheet
71Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50WQ10FNTR VISHAY-50WQ10FNTR Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
logo
International Rectifier
50WQ10FNTRL IRF-50WQ10FNTRL Datasheet
71Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50WQ10FNTRL VISHAY-50WQ10FNTRL Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ10FNTRLPBF VISHAY-50WQ10FNTRLPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results

Similar Description - 50WQ10FNTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ06FNPBF IRF-50WQ06FNPBF Datasheet
188Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com