Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

40CPQ050PBF Datasheet(PDF) 1 Page - International Rectifier

Part No. 40CPQ050PBF
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

40CPQ050PBF Datasheet(HTML) 1 Page - International Rectifier

  40CPQ050PBF Datasheet HTML 1Page - International Rectifier 40CPQ050PBF Datasheet HTML 2Page - International Rectifier 40CPQ050PBF Datasheet HTML 3Page - International Rectifier 40CPQ050PBF Datasheet HTML 4Page - International Rectifier 40CPQ050PBF Datasheet HTML 5Page - International Rectifier 40CPQ050PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
F(AV) Rectangular
40
A
waveform
V
RRM
50/60
V
I
FSM @ tp = 5 μs sine
3200
A
V
F
@20 Apk, T
J=125°C
0.49
V
(per leg)
T
J
- 55 to 150
°C
Characteristics
Values
Units
Major Ratings and Characteristics
Description/ Features
The 40CPQ...PbF center tap Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for reli-
able operation up to 150° C junction temperature. Typical
applications are in switching power supplies, converters,
free-wheeling diodes, and reverse battery protection.
150° C T
J operation
Center tap TO-247 package
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
SCHOTTKY RECTIFIER
40 Amp
40CPQ050PbF
40CPQ060PbF
Bulletin PD-20792 rev. A 11/06
1
www.irf.com
Case Styles
TO-247AC
Base
Common
Cathode
Anode
Anode
Common
Cathode
13
2
1
2
2
IF(AV) = 40Amp
VR = 50 -60V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn