Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

40CPQ050PBF Datasheet(PDF) 6 Page - International Rectifier

Part No. 40CPQ050PBF
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

40CPQ050PBF Datasheet(HTML) 6 Page - International Rectifier

  40CPQ050PBF Datasheet HTML 1Page - International Rectifier 40CPQ050PBF Datasheet HTML 2Page - International Rectifier 40CPQ050PBF Datasheet HTML 3Page - International Rectifier 40CPQ050PBF Datasheet HTML 4Page - International Rectifier 40CPQ050PBF Datasheet HTML 5Page - International Rectifier 40CPQ050PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
40CPQ050PbF, 40CPQ060PbF
Bulletin PD-20782 rev. A 11/06
6
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 11/06
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
40
C
P
Q
060 PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (40 = 40A)
2
-
Circuit Configuration
C = Common Cathode
3
-
Package
P = TO-247
4
-
Schottky "Q" Series
5
-
Voltage Code
6
-
none = Standard Production
PbF = Lead-Free
Tube Standard Pack Quantity : 25 pieces
Ordering Information Table
050 = 50V
060 = 60V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn