Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

40CPQ050PBF Datasheet(PDF) 3 Page - International Rectifier

Part No. 40CPQ050PBF
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

40CPQ050PBF Datasheet(HTML) 3 Page - International Rectifier

  40CPQ050PBF Datasheet HTML 1Page - International Rectifier 40CPQ050PBF Datasheet HTML 2Page - International Rectifier 40CPQ050PBF Datasheet HTML 3Page - International Rectifier 40CPQ050PBF Datasheet HTML 4Page - International Rectifier 40CPQ050PBF Datasheet HTML 5Page - International Rectifier 40CPQ050PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
40CPQ050PbF, 40CPQ060PbF
Bulletin PD-20792 rev. A 11/06
3
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
.1
1
10
100
1000
0.2
.4
.6
.81
1.2
1.4
1.6
FM
ForwardVoltageDrop-V
(V)
T =150°C
T =125°C
T = 25°C
J
J
J
.01
.1
1
10
100
1000
0
10
2030
405060
R
125°C
100°C
75°C
50°C
25°C
ReverseVoltage-V (V)
T =150°C
J
100
1000
10000
0 5 1015 202530 354045 5055 6065
T =25°C
J
ReverseVoltage-V (V)
R
.001
.01
.1
1
10
.00001
.0001
.001
.01
.1
1
10
100
D=0.33
D=0.50
D=0.25
D=0.17
D=0.08
1
t , RectangularPulseDuration(Seconds)
SinglePulse
(Thermal Resistance)
2
t
1
t
P
DM
Notes:
1. DutyfactorD= t / t
2. PeakT =P xZ
+T
1
JDM thJC C
2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn