Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

40CPQ050PBF Datasheet(PDF) 2 Page - International Rectifier

Part No. 40CPQ050PBF
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

40CPQ050PBF Datasheet(HTML) 2 Page - International Rectifier

  40CPQ050PBF Datasheet HTML 1Page - International Rectifier 40CPQ050PBF Datasheet HTML 2Page - International Rectifier 40CPQ050PBF Datasheet HTML 3Page - International Rectifier 40CPQ050PBF Datasheet HTML 4Page - International Rectifier 40CPQ050PBF Datasheet HTML 5Page - International Rectifier 40CPQ050PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
40CPQ050PbF, 40CPQ060PbF
Bulletin PD-20782 rev. A 11/06
2
www.irf.com
I
F(AV) Max. Average Forward Current
40
A
50% duty cycle @ T
C = 120 °C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
3200
5μs Sine or 3μs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
320
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
18
mJ
T
J = 25 °C, IAS = 2 Amps, L = 9.0 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
2
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Part number
40CPQ050
40CPQ060
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
50
60
T
J
Max. Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
1.25
°C/W DC operation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
0.63
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.24
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
Case Style
TO-247AC(TO-3P) JEDEC
Marking Device
40CPQ050
40CPQ060
Kg-cm
(Ibf-in)
Following any rated
load condition and with
rated V
RRM applied
A
V
FM
Max. Forward Voltage Drop
0.53
V
@ 20A
(Per Leg) * See Fig. 1
(1)
0.68
V
@ 40A
0.49
V
@ 20A
0.64
V
@ 40A
I
RM
Max. Reverse Leakage Current
1.7
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
96
mA
T
J = 125 °C
C
T
Max. Junction Capacitance (Per Leg)
1600
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
7.5
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
(1) Pulse Width < 300μs, Duty Cycle <2%
Voltage Ratings
Electrical Specifications
Parameters
40CPQ... Units
Conditions
Parameters
40CPQ... Units
Conditions
Parameters
40CPQ... Units
Conditions
Absolute Maximum Ratings
Thermal-Mechanical Specifications


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn