Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9544 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9544
Description  4-channel I2C multiplexer and interrupt controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9544 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9544 Datasheet HTML 4Page - NXP Semiconductors PCA9544 Datasheet HTML 5Page - NXP Semiconductors PCA9544 Datasheet HTML 6Page - NXP Semiconductors PCA9544 Datasheet HTML 7Page - NXP Semiconductors PCA9544 Datasheet HTML 8Page - NXP Semiconductors PCA9544 Datasheet HTML 9Page - NXP Semiconductors PCA9544 Datasheet HTML 10Page - NXP Semiconductors PCA9544 Datasheet HTML 11Page - NXP Semiconductors PCA9544 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
PCA9544
4-channel I2C multiplexer and interrupt controller
1999 Oct 07
9
AC CHARACTERISTICS
SYMBOL
PARAMETER
STANDARD-MODE
I2C-BUS
FAST-MODE I2C-BUS
UNIT
MIN
MAX
MIN
MAX
tpd
Propagation delay from SDA to SDn or SCL to SCn
0.31
0.31
ns
fSCL
SCL clock frequency
0
100
0
400
KHz
tBUF
Bus free time between a STOP and START condition
4.7
1.3
µs
tHD:STA
Hold time (repeated) START condition
After this period, the first clock pulse is generated
4.0
0.6
µs
tLOW
LOW period of the SCL clock
4.7
1.3
µs
tHIGH
HIGH period of the SCL clock
4.0
0.6
µs
tSU:STA
Set-up time for a repeated START condition
4.7
0.6
µs
Data hold time:
tHD:DAT
for CBUS compatible masters
5.0
µs
for I2C-bus devices
02
02
0.93
µs
tSU:DAT
Data set-up time
250
1004
ns
tSU:STO
Set-up time for STOP condition
1000
300
ns
tr
Rise time of both SDA and SCL signals
300
300
ns
tf
Fall time of both SDA and SCL signals
4.0
0.6
µs
Cb
Capacitive load for each bus line
400
400
pF
INT
tiv
INTn to INT active valid time
4
4
µs
tir
INTn to INT inactive delay time
2
2
µs
Lpwr
LOW level pulse width rejection or INTn inputs
1
1
ns
Hpwr
HIGH level pulse width rejection or INTn inputs
500
500
ns
NOTES:
1. Pass gate propagation delay is calculated from the 20
Ω typical RON and and the 15pF load capacitance.
2. A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHmin of the SCL signal) in order to bridge
the undefined region of the falling edge of SCL.
3. The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
4. A fast-mode I2C bus device can be used in a standard-mode I2C-bus system, but the requirement tSU:DAT ≥ 250ns must then be met. This
will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period
of the SCL signal, it must output the next data bit to the SDA line trmax + tSU:DAT = 1000 + 250 = 1250ns (according to the standard-mode
I2C-bus specification) before the SCL line is released.
5. Cb = total capacitance of one bus line in pF.
tSP
tBUF
tHD;STA
P
P
S
tLOW
tR
tHD;DAT
tF
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
SU00645
Figure 8. Definition of timing on the I2C-bus


Similar Part No. - PCA9544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544A NXP-PCA9544A Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
More results

Similar Description - PCA9544

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9542 PHILIPS-PCA9542 Datasheet
74Kb / 10P
   2-channel I2C multiplexer and interrupt controller
1999 Oct 07
logo
Texas Instruments
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com