Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

20ETF06SPBF Datasheet(PDF) 1 Page - International Rectifier

Part No. 20ETF06SPBF
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

20ETF06SPBF Datasheet(HTML) 1 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SURFACE MOUNTABLE
FAST SOFT RECOVERY
RECTIFIER DIODE
Lead-Free ("PbF" suffix)
1
Bulletin I2207 03/05
QUIET
IR Series
20ETF06SPbF
V
F
< 1.2V @ 10A
I
FSM = 300A
V
RRM = 600V
Major Ratings and Characteristics
Characteristics
Values
Units
I
F(AV) Sinusoidalwaveform
20
A
V
RRM
600
V
I
FSM
300
A
V
F
@10 A, T
J = 25°C
1.2
V
trr
@ 1A, 100A/µs
60
ns
T
J
range
- 40 to 150
°C
D2 Pak (SMD-220)
Description/Features
The 20ETF06SPbF soft recovery rectifier
QUIET
IR series has been optimized for combined
short reverse recovery time and low forward
voltage drop.
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
Typical applications are both:
output rectification and freewheeling in
inverters, choppers and converters
and input rectifications where severe
restrictions on conducted EMI should be met.
Package Outline


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
8EWF06SPBFSURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF06PBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1 2 3 4 5 MoreInternational Rectifier
10ETF10FPFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF12PBFFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
20ETF12SPBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free PbF suffix 1 2 3 4 5 MoreInternational Rectifier
APT2X101DQ100JULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT15DQ100KULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT2X31D20J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT2X61D30J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT2X61D40J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn