Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

20ETF06SPBF Datasheet(PDF) 8 Page - International Rectifier

Part No. 20ETF06SPBF
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF06SPBF Datasheet(HTML) 8 Page - International Rectifier

  20ETF06SPBF Datasheet HTML 1Page - International Rectifier 20ETF06SPBF Datasheet HTML 2Page - International Rectifier 20ETF06SPBF Datasheet HTML 3Page - International Rectifier 20ETF06SPBF Datasheet HTML 4Page - International Rectifier 20ETF06SPBF Datasheet HTML 5Page - International Rectifier 20ETF06SPBF Datasheet HTML 6Page - International Rectifier 20ETF06SPBF Datasheet HTML 7Page - International Rectifier 20ETF06SPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
20ETF06SPbF QUIET
IR Series
Bulletin I2207 03/05
www.irf.com
Ordering Information Table
1
5
2
4
3
6
7
1
-
Current Rating (20 = 20A)
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
T = D2Pak (TO-220AC)
4
-
Type of Silicon:
F = Fast Soft Recovery Rectifier
5
-
Voltage Rating (06 = 600V)
6
-
S = Surface Mountable
7
-
none = Tube
TRR = Tape & Reel (Right Oriented)
TRL = Tape & Reel (Left Oriented)
8
-
none = Standard Production
PbF = Lead-Free
Device Code
20
E
T
F
06
S TRL PbF
8
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 03/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
8EWF06SPBF SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
10ETF06PBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1  2  3  4  5  More International Rectifier
10ETF10FP FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
10ETF12PBF FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
20ETF12SPBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free PbF suffix 1  2  3  4  5  More International Rectifier
APT2X101DQ100J ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
APT15DQ100K ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
APT2X31D20J_05 ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Advanced Power Technology
APT2X61D30J_05 ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Advanced Power Technology
APT2X61D40J_05 ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Advanced Power Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn