Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

20ETF06SPBF Datasheet(PDF) 5 Page - International Rectifier

Part No. 20ETF06SPBF
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

20ETF06SPBF Datasheet(HTML) 5 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
20ETF06SPbF QUIET
IR Series
Bulletin I2207 03/05
www.irf.com
Fig. 14 - Thermal Impedance ZthJCCharacteristics
Fig. 12 - Recovery Current Characteristics, T
J = 25°C
Fig. 13 - Recovery Current Characteristics, T
J = 150°C
Fig. 10 - Recovery Charge Characteristics, T
J = 25°C
Fig. 11 - Recovery Charge Characteristics, T
J = 150°C
0
0.5
1
1.5
2
2.5
3
3.5
4
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 25 °C
J
FM
0
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 150 °C
J
FM
0
10
20
30
40
50
60
70
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 25 °C
J
FM
0
20
40
60
80
100
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 150 °C
J
FM
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
20ETF.. Series
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
8EWF06SPBFSURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF06PBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1 2 3 4 5 MoreInternational Rectifier
10ETF10FPFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF12PBFFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
20ETF12SPBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free PbF suffix 1 2 3 4 5 MoreInternational Rectifier
APT2X101DQ100JULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT15DQ100KULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT2X31D20J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT2X61D30J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT2X61D40J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn