Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

20ETF06SPBF Datasheet(PDF) 3 Page - International Rectifier

Part No. 20ETF06SPBF
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

20ETF06SPBF Datasheet(HTML) 3 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
20ETF06SPbF QUIET
IR Series
Bulletin I2207 03/05
www.irf.com
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC Max. Thermal Resistance Junction
0.9
°C/W
DCoperation
to Case
R
thJA Max. Thermal Resistance Junction
40
°C/W
to Ambient (PCB Mount)**
Ts
SolderingTemperature
240
°C
wt
Approximate Weight
2 (0.07)
g(oz.)
CaseStyle
D2Pak
MarkingDevice
20ETF06S
Thermal-Mechanical Specifications
Parameters
20ETF..
Units
Conditions
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note #AN-994
70
80
90
100
110
120
130
140
150
0
2
4
6
8 10 12 14 16 18 20 22
30°
60°
90°
120°
180°
Conduc tion Angle
Average Forward Current (A)
20ETF.. Series
R
(DC) = 0.9 K/ W
thJC
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
35
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
20ETF.. Series
R
(DC) = 0.9 K/ W
thJC
0
5
10
15
20
25
30
35
0
5
10
15
20
25
RMSLimit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
20ETF.. Series
T = 150°C
J
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
20ETF.. Series
T = 150°C
J


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
8EWF06SPBFSURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF06PBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1 2 3 4 5 MoreInternational Rectifier
10ETF10FPFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF12PBFFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
20ETF12SPBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free PbF suffix 1 2 3 4 5 MoreInternational Rectifier
APT2X101DQ100JULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT15DQ100KULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT2X31D20J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT2X61D30J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT2X61D40J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn