Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8EWF06SPBF Datasheet(PDF) 5 Page - International Rectifier

Part No. 8EWF06SPBF
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF06SPBF Datasheet(HTML) 5 Page - International Rectifier

  8EWF06SPBF Datasheet HTML 1Page - International Rectifier 8EWF06SPBF Datasheet HTML 2Page - International Rectifier 8EWF06SPBF Datasheet HTML 3Page - International Rectifier 8EWF06SPBF Datasheet HTML 4Page - International Rectifier 8EWF06SPBF Datasheet HTML 5Page - International Rectifier 8EWF06SPBF Datasheet HTML 6Page - International Rectifier 8EWF06SPBF Datasheet HTML 7Page - International Rectifier 8EWF06SPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Bulletin I2168 03/05
8EWF06SPbF QUIET
IR Series
www.irf.com
Fig. 10 - Recovery Charge Characteristics, T
J = 25°C
Fig. 11 - Recovery Charge Characteristics, T
J = 150°C
Fig. 12 - Recovery Current Characteristics, T
J = 25°C
Fig. 13 - Recovery Current Characteristics, T
J = 150°C
Fig. 14 - Thermal Impedance ZthJC Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
8EWF..SSeries
T = 25 °C
I
= 20 A
FM
2 A
J
8 A
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
8EWF..SSeries
T = 150 °C
J
I
= 20 A
FM
2 A
8 A
0
2
4
6
8
10
12
14
16
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
8EWF..SSeries
T = 25 °C
J
I
= 20 A
FM
2 A
8 A
0
2
4
6
8
10
12
14
16
18
20
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
8EWF..SSeries
T = 150 °C
I
= 20 A
FM
2 A
J
8 A
0.1
1
10
0.0001
0.001
0.01
0.1
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
Single Pulse
8EWF..SSeries
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
10ETF06PBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1  2  3  4  5  More International Rectifier
10ETF10FP FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
10ETF12PBF FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
20ETF12SPBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free PbF suffix 1  2  3  4  5  More International Rectifier
IRG4PC50UDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
MMBD4148W_1 SURFACE MOUNT FAST SWITCHING DIODE 1  2  3  Diodes Incorporated
MMBD4448HCQW_1 SURFACE MOUNT FAST SWITCHING DIODE ARRAY 1  2  3  4  Diodes Incorporated
PD3SD2580 SURFACE MOUNT FAST SWITCHING DIODE 1  2  3  4  Diodes Incorporated
HFA140NH60 Ultrafast Soft Recovery Diode 1  2  3  4  5  International Rectifier
DSEP2X31-03A HiPerFRED TM Epitaxial Diode with soft recovery 1  2  IXYS Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn