Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8EWF06SPBF Datasheet(PDF) 4 Page - International Rectifier

Part No. 8EWF06SPBF
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

8EWF06SPBF Datasheet(HTML) 4 Page - International Rectifier

  8EWF06SPBF Datasheet HTML 1Page - International Rectifier 8EWF06SPBF Datasheet HTML 2Page - International Rectifier 8EWF06SPBF Datasheet HTML 3Page - International Rectifier 8EWF06SPBF Datasheet HTML 4Page - International Rectifier 8EWF06SPBF Datasheet HTML 5Page - International Rectifier 8EWF06SPBF Datasheet HTML 6Page - International Rectifier 8EWF06SPBF Datasheet HTML 7Page - International Rectifier 8EWF06SPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Bulletin I2168 03/05
8EWF06SPbF QUIET
IR Series
www.irf.com
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Recovery Time Characteristics, T
J = 25°C
Fig. 9 - Recovery Time Characteristics, T
J = 150°C
50
75
100
125
150
175
200
1
10
100
Number Of Equal Amplitude Half Cyc le Current Pulses (N)
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
8EWF..SSeries
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
40
60
80
100
120
140
160
180
200
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maximum Non Repetitive Surge Current
8EWF..SSeries
1
10
100
0.5
1
1.5
2
2.5
3
T = 25°C
J
InstantaneousForward Voltage (V)
T = 150°C
J
8EWF..SSeries
0
0.1
0.2
0.3
0.4
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
8EWF..SSeries
T = 25 °C
J
I
= 20 A
FM
8 A
2 A
0
0.1
0.2
0.3
0.4
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
8EWF..SSeries
T = 150 °C
J
I
= 20 A
FM
2 A
8 A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn