Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8111 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MOC8111
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MOC8111 Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6/9/04
Page 2 of 10
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8111
MOC8112
MOC8113
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
INPUT LED
Forward Current – Continuous
IF
90
mA
Forward Current – Peak (PW = 1µs, 300pps)
IF(pk)
3
A
Reverse Voltage
VR
6Volts
LED Power Dissipation @ TA = 25°C
PD
135
mW
Derate above 25°C
1.8
mW/°C
OUTPUT TRANSISTOR
Detector Power Dissipation @ TA = 25°C
PD
200
mW
Derate above 25°C
2.67
mW/°C
TOTAL DEVICE
Total Device Power Dissipation @ TA = 25°C
PD
260
mW
Derate above 25°C
3.5
mW/°C
Ambient Operating Temperature Range
TOPR
-55 to +100
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Lead Soldering Temperature
TSOL
260
°C
(1/16” from case, 10 sec. duration)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn