Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8111 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. MOC8111
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MOC8111 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6/9/04
Page 5 of 10
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8111
MOC8112
MOC8113
TYPICAL PERFORMANCE CURVES
Fig. 3 Normalized CTR vs. Ambient Temperature
TA - AMBIENT TEMPERATURE (°C)
-75
-50
-25
0
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IF = 20 mA
IF = 10 mA
IF = 5 mA
Normalized to
IF = 10 mA
TA = 25°C
IF - LED FORWARD CURRENT (mA)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = -55°C
TA = 100°C
TA = 25°C
Fig. 2 Normalized CTR vs. Forward Current
Fig. 1 LED Forward Voltage vs. Forward Current
IF - FORWARD CURRENT (mA)
05
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Normalized to
IF = 10 mA
TA = 25°C
VCE = 5.0 V
Fig. 4 Collector Emitter Saturation Voltage
vs Collector Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
IF = 5 mA
IF = 2.5 mA
IF = 10 mA
IF = 20 mA
TA = 25°C
IC - COLLECTOR CURRENT (mA)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn