Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8111 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MOC8111
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MOC8111 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6/9/04
Page 4 of 10
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8111
MOC8112
MOC8113
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified)
DC CHARACTERISTICS
Test Conditions
Symbol
Device
Min
Typ
Max
Units
Output/Input Current Transfer
Ratio
IF = 10 mA, VCE = 5V
CTR
MOC8111
20
%
MOC8112
50
MOC8113
100
Collector-Emitter Saturation
Voltage
IF = 10 mA, IC = 2.5 mA
VCE(SAT)
All
0.27
0.4
V
AC CHARACTERISTICSØ
Test Conditions
Symbol
Device
Min
Typ
Max
Units
Non-Saturated Switching Times
Turn-On Time
RL = 100 Ω, IC = 2 mA,
VCC = 10 V
See Figure 7
ton
All
6.0
10
µS
Turn-Off Time
toff
All
5.5
10
µS
Saturated Switching Times
Turn-On Time
IF = 20 mA, VCE = 0.4 V
ton
MOC8111
3.0
5.5
µS
IF = 10 mA, VCE = 0.4 V
MOC812, MOC8113
4.2
8.0
Rise-Time
IF = 20 mA, VCE = 0.4 V
tr
MOC8111
2.0
4.0
µS
IF = 10 mA, VCE = 0.4 V
MOC812, MOC8113
3.0
6.0
Turn-Off Time
IF = 20 mA, VCE = 0.4 V
toff
MOC8111
18
34
µS
IF = 10 mA, VCE = 0.4 V
MOC812, MOC8113
23
39
Fall-Time
IF = 20 mA, VCE = 0.4 V
tf
MOC8111
11
20
µS
IF = 10 mA, VCE = 0.4 V
MOC812, MOC8113
14
24


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn