Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8111 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MOC8111
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MOC8111 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6/9/04
Page 3 of 10
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8111
MOC8112
MOC8113
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ
Max
Unit
EMITTER
Input Forward Voltage
IF = 60 mA
VF
All
1.35
1.65
V
IF = 10 mA
1.15
1.50
Reverse Voltage
IR = 10 µA
VR
All
6.0
15
V
Capacitance
VF = 0 V, f = 1.0 MHz
CJ
All
50
pF
VF = 1 V, f = 1.0 MHz
65
Reverse Leakage Current
VR = 3.0 V
IR
All
.35
10
µA
DETECTOR
Breakdow Voltage
Collector to Emitter
IC = 1.0 mA, IF = 0
BVCEO
All
70
V
Breakdow Voltage
Emitter to Collector
IE = 100 µA, IF = 0
BVECO
All
7
V
Leakage Current
Collector to Emitter
VCE = 10 V, IF = 0
ICEO
All
5
50
V
Capacitance
Collector to Emitter
VCE = 0 V, f = 1 MHz
CCE
All
8
pF
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Units
Input-Output Isolation Voltage
f = 60 Hz, t = 1 min.
VISO
5300
VRMS
Isolation Resistance
VI-O = 500 VDC
RISO
1011
Isolation Capacitance
VI-O = 0, f = 1 MHz
CISO
0.5
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn