Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3015 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3015
Description  MICRO POWER STEP-UP DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3015 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3015 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015/A
5
Aug. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
(VIN=VSHDN=1.2V, TA=25
oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
AP3015
1.2
12
V
AP3015A
1.0
12
Quiescent Current
IQ
Not Switching
17
30
µA
VSHDN =0V
1
Feedback Voltage
VFB
1.205
1.23
1.255
V
FB Comparator Hysteresis
VFBH
8mV
FB Pin Bias Current
IFB
VFB=1.23V
30
80
nA
Output Voltage Line Regulation
LNR
1.2V
<V
IN<12V
0.05
0.1
%/V
Switching Current Limit
IL
AP3015
300
350
400
mA
AP3015A
75
100
125
Switch Saturation Voltage
VCESAT
AP3015, ISW=300mA
200
300
mV
AP3015A, ISW=70mA
70
120
Switch Off Time
TOFF
VFB>1V
400
nS
VFB<0.6V
1.5
µS
SHDN Input Threshold High
VTH
0.9
V
SHDN Input Threshold Low
VTL
0.25
SHDN Pin Current
ISHDN
VSHDN =1.2V
2
3
µA
VSHDN =5V
8
12
Switch Leakage Current
ISWL
Switch Off, VSW=5V
0.01
5
µA
Electrical Characteristics


Similar Part No. - AP3015

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
AP3015AKTR-E1 DIODES-AP3015AKTR-E1 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
AP3015AKTR-G1 DIODES-AP3015AKTR-G1 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
AP3015KTR-E1 DIODES-AP3015KTR-E1 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
AP3015KTR-G1 DIODES-AP3015KTR-G1 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
More results

Similar Description - AP3015

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
   Micro-Power Step up DC-DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
   Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
logo
Silicon Standard Corp.
SS8051 SSC-SS8051 Datasheet
433Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
   Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
   Low Power DC-DC Step-Up Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com